Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33982 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33982
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Operating Voltage Range
Steady-state
VPWR
-16 to 41
V
VDD Supply Voltage
VDD
-0.3 to 5.5
V
Input/Output Voltage(1)
VIN, RST, FSI,
CSNS, SI, SCLK,
CS, FS
-0.3 to 7.0
V
SO Output Voltage(1)
VSO
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
10
mA
Output Current (2)
IHS
60
A
Output Voltage
Positive
Negative
VHS
41
-15
V
Output Clamp Energy(3)
ECL
1.5
J
ESD Voltage(4)
Human Body Model (HBM)
Charge Device Model (CDM)
Corner Pins (1, 12, 15, 16)
All Other Pins (2, 11, 13, 14)
VESD1
VESD3
±2000
±750
±500
V
Notes
1.
Exceeding this voltage limit may cause permanent damage to the device.
2.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
3.
Active clamp energy using single-pulse method (L = 16mH, RL = 0, VPWR = 12V, TJ = 150°C).
4.
ESD1 testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω); ESD3 testing is performed
in accordance with the Charge Device Model (CDM), Robotic (Czap = 4.0pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com