Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33982
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT TIMING (CONTINUED)
Over-current Low Detection Blanking Time (OCLT[1:0])
00
01
10
11
tOCL0
tOCL1
tOCL2
tOCL3
108
7.0
0.8
0.08
155
10
1.2
0.15
202
13
1.6
0.25
ms
Over-current High Detection Blanking Time
tOCH
1.0
10
20
μs
CS to CSNS Valid Time(22)
tCNSVAL
–
–
10
μs
Output Switching Delay Time (OSD[2:0])
000
001
010
011
100
101
110
111
tOSD0
tOSD1
tOSD2
tOSD3
tOSD4
tOSD5
tOSD6
tOSD7
–
52
105
157
210
262
315
367
0.0
75
150
225
300
375
450
525
–
95
195
293
390
488
585
683
ms
Watchdog Timeout (WD[1:0])(23)
00
01
10
11
tWDTO0
tWDTO1
tWDTO2
tWDTO3
434
207
1750
875
620
310
2500
1250
806
403
3250
1625
ms
SPI INTERFACE CHARACTERISTICS
Recommended Frequency of SPI Operation
fSPI
–
–
3.0
MHz
Required Low-state Duration for RST(24)
tWRST
–
50
167
ns
Notes
22.
Time necessary for the CSNS to be within ±5% of the targeted value.
23.
Watchdog timeout delay measured from the rising edge of WAKE to RST from a sleep state condition to output turn-ON with the output
driven OFF and FSI floating. The values shown are for WDR setting of [00]. The accuracy of tWDTO is consistent for all configured
watchdog timeouts.
24.
RST
low duration measured with outputs enabled and going to OFF or disabled condition.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.5V
≤ VDD ≤ 5.5V, 6.0V ≤ VPWR ≤ 27V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com