Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33982 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Document Number: MC33982
Rev. 14, 6/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
Single Intelligent High-current
Self-protected Silicon High Side
Switch (2.0m
Ω)
The 33982B is a self-protected silicon 2.0m
Ω high side switch used
to replace electromechanical relays, fuses, and discrete devices in
power management applications. The 33982B is designed for harsh
environments, and it includes self-recovery features. The device is
suitable for loads with high inrush current, as well as motors and all
types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the
Serial Peripheral Interface (SPI). A dedicated parallel input is available
for alternate and Pulse Width Modulation (PWM) control of the output.
SPI programmable fault trip thresholds allow the device to be adjusted
for optimal performance in the application.
The 33982B is packaged in a power-enhanced 12 x 12 nonleaded
PQFN package with exposed tabs.
Features
• Single 2.0m
Ω max high side switch with parallel input or SPI
control
• 6.0V to 27V operating voltage with standby currents < 5.0
μA
• Output current monitoring with two SPI-selectable current ratios
• SPI control of over-current limit, over-current fault blanking time,
output-OFF open load detection, output ON/OFF control,
watchdog timeout, slew rates, and fault status reporting
• SPI status reporting of over-current, open and shorted loads,
over-temperature shutdown, under-voltage and over-voltage shutdown, fail-safe pin status, and program status
• Enhanced -16V reverse polarity VPWR protection
Figure 1. 33982B Simplified Application Diagram
HIGH SIDE SWITCH
33982B
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33982BPNA/R2
-40
°C to 125°C
16 PQFN
SCALE 1:1
Bottom View
PNA SUFFIX
98ARL10521D
16-PIN PQFN
VDD
I/O
I/O
SO
SCLK
CS
SI
I/O
I/O
A/D
VPWR
FS
WAKE
SI
SCLK
CS
SO
RST
IN
CSNS
FSI
GND
HS
GND
LOAD
33982B
MCU
VDD
VDD
VDD
VPWR
GND
PWR GND


Similar Part No. - 33982

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
logo
NXP Semiconductors
33982 NXP-33982 Datasheet
2Mb / 47P
Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 19.0, 07/2023
33982 NXP-33982 Datasheet
2Mb / 49P
Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 20.0, 11/2023
logo
Freescale Semiconductor...
33982 FREESCALE-33982 Datasheet
888Kb / 37P
Single Intelligent High-current Self protected High-side Switch
Rev. 18.0, 9/2014
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results

Similar Description - 33982

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com