Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33982
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Output Slew Rate and Time Delays
Figure 5. Overcurrent Shutdown
Figure 6. Overcurrent Low and High Detection
VPWR
VPWR - 0.5V
VPWR - 3V
0.5V
Tdly(off)
SRrA
SRrB
SRfA
SRfB
CS
Tdly(on)
VPWR
VPWR-0.5 V
VPWR-3.5 V
0.5 V
tDLY(ON)
SRRB_SLOW &
SRFB_SLOW & SRFB_FAST
SRFA_SLOW & SRFA_FAST
SRRA_SLOW &
HS
SRRA _FAST
SRRB_FAST
tDLY_SLOW(OFF) & tDLY_FAST(OFF)
IOCLx
IOCHx
tOCLx
tOCH
Time
Load
Current
IOCH0
tOCL0
tOCL1
tOCL2
tOCL3
tOCHx
Time
Load
Current
IOCH1
IOCL0
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
IOCL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com