Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7118 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MSC7118
Description  Low-Cost 16-bit DSP with DDR Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7118 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MSC7118 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
MSC7118 Low-Cost 16-bit DSP with DDR Controller Data Sheet, Rev. 7
Hardware Design Considerations
Freescale Semiconductor
40
3.2
Power Supply Design Considerations
This section outlines the MSC7118 power considerations: power supply, power sequencing, power planes, decoupling, power
supply filtering, and power consumption. It also presents a recommended power supply design and options for low-power
consumption. For information on AC/DC electrical specifications and thermal characteristics, refer to Section 2.
3.2.1
Power Supply
The MSC7118 requires four input voltages, as shown in Table 28.
You should supply the MSC7118 core voltage via a variable switching supply or regulator to allow for compatibility with
possible core voltage changes on future silicon revisions. The core voltage is supplied with 1.2 V (+5% and –10%) across VDDC
and GND and the I/O section is supplied with 3.3 V (± 10%) across VDDIO and GND. The memory and reference voltages supply
the DDR memory controller block. The memory voltage is supplied with 2.5 V across VDDM and GND. The reference voltage
is supplied across VREF and GND and must be between 0.49 × VDDM and 0.51 × VDDM. Refer to the JEDEC standard JESD8
(Stub Series Terminated Logic for 2.5 Volts (STTL_2)) for memory voltage supply requirements.
3.2.2
Power Sequencing
One consequence of multiple power supplies is that the voltage rails ramp up at different rates when power is initially applied.
The rates depend on the power supply, the type of load on each power supply, and the way different voltages are derived. It is
extremely important to observe the power up and power down sequences at the board level to avoid latch-up, forward biasing
of ESD devices, and excessive currents, which all lead to severe device damage.
Note:
There are five possible power-up/power-down sequence cases. The first four cases listed in the following sections are
recommended for new designs. The fifth case is not recommended for new designs and must be carefully evaluated
for current spike risks based on actual information for the specific application.
Table 28. MSC7118 Voltages
Voltage
Symbol
Value
Core
VDDC
1.2 V
Memory
VDDM
2.5 V
Reference
VREF
1.25 V
I/O
VDDIO
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com