Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7118 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MSC7118
Description  Low-Cost 16-bit DSP with DDR Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7118 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MSC7118 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Revision History
MSC7118 Low-Cost 16-bit DSP with DDR Controller Data Sheet, Rev. 7
Freescale Semiconductor
57
7
Revision History
Table 32 provides a revision history for this data sheet.
Table 32. Document Revision History
Revision
Date
Description
0
Sep. 2005
• Initial public release.
1
Oct 2005
• Added explanatory note to HDI16 timing table.
2
Oct. 2005
• Added information about signals GPIOB11, GPIOC11, GPIOD7, and GPIOD8 to the signal descriptions
and pinout location lists.
3
Dec. 2005
• Added information about signals GPIOA16, GPIOA17, GPIOA27, GPIOA28, and GPIOA29 to signal
description and pinout location lists.
4
Nov. 2006
• Updated Reference Manual reference to MSC711x Reference Manual.
• Updated arrows in Host DMA Writing Timing figure.
5
Jul. 2007
• Updated to new data sheet format. Reorganized and renumbered sections, figures, and tables.
• Added a note to clarify the definition of TCK timing 700 in new Table 31.
• Removed references to VCCSYN and VCCSYN1 in the new power supply design recommendation Section
3.2.
6
Aug 2007
• The power-up and power-down sequences described in Section 3.2 starting on page 42 have been expanded
to five possible design scenarios/cases. These cases replace the previously recommended
power-up/power-down sequence recommendations. Section 3.2 has been clarified by adding subsection
headings.
7
Apr 2008
• Change the PLL filter resistor from 20
Ω to 2 Ω in Section 3.2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com