Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7118 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MSC7118
Description  Low-Cost 16-bit DSP with DDR Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7118 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MSC7118 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
MSC7118 Low-Cost 16-bit DSP with DDR Controller Data Sheet, Rev. 7
Hardware Design Considerations
Freescale Semiconductor
48
3.3.2
Peripheral Power
Peripherals include the DDR memory controller, DMA controller, HDI16, TDM, UART, timers, GPIOs, and the I
2C module.
Basic power consumption by each module is assumed to be the same and is computed by using the following equation which
assumes an effective load of 20 pF, core voltage swing of 1.2 V, and a switching frequency of 100 MHz. This yields:
PPERIPHERAL = 20 pF × (1.2 V)
2 × 150 MHz × 10–3 = 4.32 mW per peripheral
Eqn. 6
Multiply this value by the number of peripherals used in the application to compute the total peripheral power consumption.
3.3.3
External Memory Power
Estimation of power consumption by the DDR memory system is complex. It varies based on overall system signal line usage,
termination and load levels, and switching rates. Because the DDR memory includes terminations external to the MSC7118
device, the 2.5 V power source provides the power for the termination, which is a static value of 16 mA per signal driven high.
The dynamic power is computed, however, using a differential voltage swing of ±0.200 V, yielding a peak-to-peak swing of 0.4
V. The equations for computing the DDR power are:
PDDRIO = PSTATIC + PDYNAMIC
Eqn. 7
PSTATIC = (unused pins × % driven high) × 16 mA × 2.5 V
Eqn. 8
PDYNAMIC = (pin activity value) × 20 pF × (0.4 V)
2 × 300 MHz × 10–3 mW
Eqn. 9
pin activity value = (active data lines
× % activity × % data switching) + (active address lines × % activity)
Eqn. 10
As an example, assume the following:
unused pins = 16 (DDR uses 16-pin mode)
% driven high = 50%
active data lines = 16
% activity = 60%
% data switching = 50%
active address lines = 3
In this example, the DDR memory power consumption is:
PDDRIO = ((16 × 0.5) × 16 × 2.5) + (((16 × 0.6 × 0.5) + (3 × 0.6)) × 20 × (0.4)
2
× 300 × 10–3) = 326.3 mW
Eqn. 11
3.3.4
External I/O Power
The estimation of the I/O power is similar to the computation of the peripheral power estimates. The power consumption per
signal line is computed assuming a maximum load of 20 pF, a voltage swing of 3.3 V, and a switching frequency of 25 MHz,
which yields:
PIO = 20 pF × (3.3 V)
2
× 25 MHz × 10–3 = 5.44 mW per I/O line
Eqn. 12
Multiply this number by the number of I/O signal lines used in the application design to compute the total I/O power.
Note:
The signal loading depends on the board routing. For systems using a single DDR device, the load could be as low as
7 pF.
3.3.5
Leakage Power
The leakage power is for all power supplies combined at a specific temperature. The value is temperature dependent. The
observed leakage value at room temperature is 64 mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com