Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7118 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MSC7118
Description  Low-Cost 16-bit DSP with DDR Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7118 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MSC7118 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC7118 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MSC7118 Low-Cost 16-bit DSP with DDR Controller Data Sheet, Rev. 7
Pin Assignments
Freescale Semiconductor
12
L14
VDDIO
L15
VDDIO
L16
VDDIO
L17
VDDC
L18
GPIB11
GPOB11
HCS2/HCS2
L19
reserved
HCS1/HCS1
L20
reserved
HRW or HRD/HRD
M1
D2
M2
VDDM
M3
D5
M4
VDDM
M5
VDDM
M6
GND
M7
GND
M8
GND
M9
GND
M10
GND
M11
GND
M12
GND
M13
GND
M14
GND
M15
GND
M16
VDDC
M17
VDDC
M18
GPIA14
IRQ15
GPOA14
SDA
M19
GPIA12
IRQ3
GPOA12
UTXD
M20
GPIA13
IRQ2
GPOA13
URXD
N1
D4
N2
D6
N3
VREF
N4
VDDM
N5
VDDM
N6
VDDM
N7
GND
N8
GND
N9
GND
Table 1. MSC7118 Signals by Ball Designator (continued)
Number
Signal Names
End of Reset
Software Controlled
Hardware Controlled
GPI Enabled
(Default)
Interrupt
Enabled
GPO Enabled
Primary
Alternate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com