Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60Q Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3L60Q
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60Q Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3L60Q Datasheet HTML 1Page - STMicroelectronics STPS3L60Q Datasheet HTML 2Page - STMicroelectronics STPS3L60Q Datasheet HTML 3Page - STMicroelectronics STPS3L60Q Datasheet HTML 4Page - STMicroelectronics STPS3L60Q Datasheet HTML 5Page - STMicroelectronics STPS3L60Q Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS3L60/Q/U
2/6
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
150
µA
Tj = 100°C
415
mA
Tj = 125°C
14
30
VF *
Forward voltage drop
Tj = 25°C
IF =3 A
0.62
V
Tj = 100°C
0.53
0.61
Tj = 125°C
0.51
0.59
Tj = 25°C
IF =6 A
0.79
Tj = 100°C
0.62
0.71
Tj = 125°C
0.6
0.69
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation:
P=0.44xIF(AV) +0.05xIF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
Lead length = 10 mm
DO-201AD
20
°C/W
SMB
20
DO-15
35
THERMAL RESISTANCES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
T
δ=tp/T
tp
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
P
(W)
F(AV)
I
(A)
F(AV)
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
δ=tp/T
tp
I
(A)
F(AV)
T
(°C)
amb
R=R
th(j-a)
th(j-I)
R
=80°C/W
th(j-a)
Fig. 2-1: Average forward current versus ambient
temperature (
δ = 0.5) (DO-201AD, SMB).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com