Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3L60Q
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60Q Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3L60Q Datasheet HTML 1Page - STMicroelectronics STPS3L60Q Datasheet HTML 2Page - STMicroelectronics STPS3L60Q Datasheet HTML 3Page - STMicroelectronics STPS3L60Q Datasheet HTML 4Page - STMicroelectronics STPS3L60Q Datasheet HTML 5Page - STMicroelectronics STPS3L60Q Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS3L60/Q/U
3/6
1E-3
1E-2
1E-1
1E+0
0
2
4
6
8
10
12
IM
t
δ=0.5
I (A)
M
t(s)
T =25°C
a
T =50°C
a
T =100°C
a
Fig. 5-1: Non repetitive surge peak forward
current
versus
overload
duration
(maximum
values) (DO-201AD, SMB).
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Z/R
th(j-a)
th(j-a)
t (s)
p
Fig. 6-1: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(DO-201AD, SMB).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
T
δ=tp/T
tp
I
(A)
F(AV)
T
(°C)
amb
R=R
th(j-a)
th(j-I)
R
=100°C/W
th(j-a)
Fig. 2-2: Average forward current versus ambient
temperature (
δ = 0.5) (DO-15).
0
1
2
3
4
5
6
7
8
9
10
11
1.E-03
1.E-02
1.E-01
IM
t
δ=0.5
I (A)
M
t(s)
T =25°C
a
T =50°C
a
T =100°C
a
Fig. 5-2: Non repetitive surge peak forward
current
versus
overload
duration
(maximum
values) (DO-15).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com