Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L60Q
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60Q Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L60Q Datasheet HTML 1Page - STMicroelectronics STPS3L60Q Datasheet HTML 2Page - STMicroelectronics STPS3L60Q Datasheet HTML 3Page - STMicroelectronics STPS3L60Q Datasheet HTML 4Page - STMicroelectronics STPS3L60Q Datasheet HTML 5Page - STMicroelectronics STPS3L60Q Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STPS3L60/Q/U
4/6
1
10
0.0
0.5
1.0
1.5
2.0
2.5
30
I
(A)
FM
V
(V)
FM
T =25°C
j
T =100°C
(maximum values)
j
T =100°C
(typical values)
j
Fig. 9-1: Forward voltage drop versus forward
current (high level, maximum values).
0
1
2
3
4
5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =100°C
(maximum values)
j
T =100°C
(typical values)
j
Fig. 9-2: Forward voltage drop versus forward
current (low level, maximum values).
1
10
100
10
20
50
100
200
500
C(pF)
V (V)
R
F=1MHz
T =25°C
j
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
R
(°C/W)
th(j-)
S(Cu)(cm²)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, Cu: 35µm) (SMB).
0
5
10
15
20
25
30
35
40
45
50
55
60
1E-3
1E-2
1E-1
1E+0
1E+1
5E+1
I (mA)
R
V (V)
R
T =125°C
j
T =100°C
j
T =25°C
j
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
Z/R
th(j-a)
th(j-a)
t (s)
p
Fig. 6-2: Relative variation of thermal impedance
junction to ambient versus pulse duration (DO-15).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com