Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60Q Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS3L60Q
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60Q Datasheet(HTML) 5 Page - STMicroelectronics

  STPS3L60Q Datasheet HTML 1Page - STMicroelectronics STPS3L60Q Datasheet HTML 2Page - STMicroelectronics STPS3L60Q Datasheet HTML 3Page - STMicroelectronics STPS3L60Q Datasheet HTML 4Page - STMicroelectronics STPS3L60Q Datasheet HTML 5Page - STMicroelectronics STPS3L60Q Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STPS3L60/Q/U
5/6
PACKAGE MECHANICAL DATA
DO-15 plastic
A
C
C
D
B
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
PACKAGE MECHANICAL DATA
DO-201AD plastic
BA
E
E
ØD
ØD
ØC
B
note 2
note 1
note 1
REF.
DIMENSIONS
NOTES
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
1 - The lead diameter
∅ D is not controlled over zone E
2 - The minimum axial length within which the device
may be placed with its leads bent at right angles is
0.59"(15 mm)
B
25.40
1.000
∅ C
5.30
0.209
∅ D
1.30
0.051
E
1.25
0.049



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com