Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2801 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2801
Description  1W High Power White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2801 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2801 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Performance Characteristics
T =25
, L=2.2uH , C =10uF, C =10uF, unless otherwise noted.
AΙΝ
Ο
℃
4
50
55
60
65
70
75
80
85
90
95
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
Input Voltage(V)
ILED=185mA @VF=3.2V
ILED=350mA @VF=3.4V
100
150
200
250
300
350
400
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
Input Voltage(V)
ILED=350mA@VF=3.4V
ILED=185mA@VF=3.2V
60
65
70
75
80
85
90
95
100
150
200
250
300
350
400
LED Current(mA)
VIN=1.8V
VIN=3V
VIN=2.4V
70
75
80
85
90
95
100
25
50
75
100
125
Temperature(
℃)
VIN=3V
VIN=1.8V
VIN=2.4V
70
75
80
85
90
95
100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
Input Voltage(V)
TA=+85
℃
TA=+25
℃
LED Power Efficiency vs Input Voltage
DC Input Current vs Input Voltage
LED Current vs Input Voltage
LED Power Efficiency vs LED Current
Feedback Voltage vs Temperature
(I
=350mA)
LED
Feedback Voltage vs Input Voltage
(I
=350mA)
LED
08/2007
PAM2801
1W High Power White LED Driver
100
300
500
700
900
1100
1300
1500
1700
1900
2100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
Input Voltage(V)
ILED=350mA@VF=3.4V
ILED=185 mA@VF=3.2V
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com