Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2801 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2801
Description  1W High Power White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2801 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

  PAM2801 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Dimming Control Using a PWM Signal to FB
Pin
Dimming Control Using a PWM Signal to
SHDN Pin
By using the PWM signal to FB pin as shown in
the Figure 2, the LED turns on or off and its
current operates at either 0mA or the set
maximum current. The PWM signal can be
considered as an adjustable DC voltage. As the
PWM duty cycle increases, the LED current
decreases. Typically, the PWM frequency ranges
from 5KHz to 40KHz.
Figure 2. Dimming Control Using a PWM Signal
to FB Pin
With the PWM signal applied to the SHDN pin of
the PAM2801, the LED turns on or off. When the
SHDN pin is high, the LED turn on and its current
is at the set maximum current; when the SHDN
pin is low, the LED turn off and its current turns to
0mA. The a verage LED c urrent increase
proportionally with the PWM duty cycle. A 0%
duty cycle produces 0mA of LED current; a 100%
duty cycle corresponds to the set maximum
current. The magnitude of the PWM signal
should be higher than the SHDN input high (V ).
The typical frequency of the PWM signal ranges
from 100Hz to 1KHz. Figure 3 shows the LED
current with the PWM duty cycle set to 50% and
the PWM frequency set respectively to 100Hz
and 1KHz. Figure 4 shows the LED current
versus the PWM duty cycle, setting the PWM
frequency to 100Hz.
3a
100Hz
3b
1 KHz
Figure 3. Dimming Control Using a PWM Signal
to SHDN Pin
Figure 4. LED Current vs Duty Cycle
SH
()
()
SHDN
FB
I
LED
LED Current vs Duty Cycle
0
50
100
150
200
250
300
350
400
0
20406080
100
Duty Cycle(%)
08/2007
PAM2801
FB
R1
R2
R
0.27
S
Ω
1W
WLED
PWM
10KΩ
22kΩ
1KΩ
0.1uF
Application Information(continued)
SHDN
FB
I
LED
PAM2801
1W High Power White LED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com