Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2801 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2801
Description  1W High Power White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2801 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2801 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
LED Power Efficiency: up to 90%
LED Current Accuracy: 3%(V =3.2V to
Internal 2A MOSFET Switch
1.0MHz Switching Frequency
Low R
: 100mΩ (TYP.)
Open LED Protection
Over Temperature Protection
±1.1
IN
DS(ON)
V
@V =3.4V)
Low Start-Up Voltage: 0.9V(I
=243mA)
Low Hold Voltage:0.65V(I
=95mA)
Uses Small,Low Profile External Components
Low Profile SOT-23 Package
White LED Torch (Flashlight)
White LED Camera Flash
DSC(Digital Still Camera)Flash
Cellular Camera Phone Flash
PDA Camera Flash
Camcorder Torch(Flashlight) Lamp
The PAM2801 is a step-up DC-DC converter that
delivers a regulated output current. The device
switches at a 1 .0MHz c onstant frequency,
allowing for the use of small value external
inductor and ceramic capacitors.
The PAM2801 is targeted to be used for driving
1W white LED from a 0.9V to 3.2V input. The LED
current can be programmed by the external
current sense resistor, Rs, connected between the
feedback pin (FB) and ground. A low 95mV
feedback voltage reduces the power loss in the Rs
for better efficiency. With its internal 2A, 100
device
even at heavy load.
LED dimming can be done by using a DC voltage
applied to the FB pin and a pulse width modulation
(PWM) signal applied to the FB pin or SHDN pin.
During the shutdown mode, the feedback resistor
Rs and the load are completely disconnected and
the current consumption is reduced to less than
1uA.
The PAM2801 is available in the 6-lead SOT-23-6
package.
F
LED
LED
Applications
General Description
mΩ
NMOS switch, the
can provide high
efficiency
n
n
n
n
n
n
n
n
n
n
n
n Pb-Free Package
n
n
n
n
n
n
Typical Application
PAM2801
1W High Power White LED Driver
,
Power Analog Microelectronics Inc
95mV
Reference
+
A1
-
Rc
Cc
-
A2
+
Comparator
VOUT
VIN
SW
PWM Logic
And Driver
+
-
GND
1.0MHz
Oscillator
Shutdown
And
Soft-start
FB
Σ
Ramp
Generator
SHDN
Block Diagram
1
www.poweranalog.com
08/2007
10uF
2.2uH
10uF
OFF ON
R
S
3
2
1
6
5
4
SW
VIN
VOUT
FB
SHDN
GND
WLED
V
IN
C
O
C
IN
1W
PAM2801
I
=350mA,R =0.27
LED
S
Ω


Similar Part No. - PAM2801

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
logo
Diodes Incorporated
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
HIGH POWER WHITE LED DRIVER
Rev 1
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
logo
Power Analog Micoelectr...
PAM2800ENABR PAM-PAM2800ENABR Datasheet
92Kb / 7P
High Power White LED Driver
PAM2800FBABR PAM-PAM2800FBABR Datasheet
92Kb / 7P
High Power White LED Driver
More results

Similar Description - PAM2801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
logo
Lite-On Technology Corp...
LOPL-E011M LITEON-LOPL-E011M Datasheet
201Kb / 12P
1W Warm White Power LED
logo
Elite Enterprises (H.K....
PG1A-1LWX-BK ELITE-PG1A-1LWX-BK Datasheet
443Kb / 12P
1W White Power LED
PG1C-1NWE-DLV ELITE-PG1C-1NWE-DLV Datasheet
481Kb / 16P
1W White Power LED
PG1C-1NWE-LV ELITE-PG1C-1NWE-LV Datasheet
481Kb / 16P
1W White Power LED
PG1C-1NWX ELITE-PG1C-1NWX Datasheet
549Kb / 17P
1W White Power LED
PG1C-1NWX-DL ELITE-PG1C-1NWX-DL Datasheet
553Kb / 17P
1W White Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com