Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2801 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2801
Description  1W High Power White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2801 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

  PAM2801 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2801 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Inductor Selection
Capacitor Selection
Diode Selection
LED Current Setting
LED Dimming Control
Dimming Control Using a DC Voltage to FB Pin
The PAM2801 can use a small value inductor
due to its switching frequency of 1MHz. The
value of inductor focuses in the range of 1.5uH to
4.7uH for most PAM2801 applications. In typical
high current white LED applications, it is
recommended to use a 4.7uH inductor. The
inductor should have low DCR (DC resistance) to
minimize the I R power loss, and it requires a
current rating of 2A to handle the peak inductor
current without saturating.
An input capacitor is required to reduce the input
ripple and noise for proper operation of the
PAM2801. For good input decoupling, Low ESR
(equivalent series resistance) capacitors should
be used at the input. At least 2.2uF input
capacitor is recommended for most applications.
A minimum output capacitor value of 4.7uF is
recommended
under
normal
operating
conditions, while a 10uF-22uF capacitor may be
required for higher power LED current. A
reasonable value of the output capacitor
depends on the LED current. The ESR of the
output capacitor is the important parameter to
determine the output voltage ripple of the
converter, so low ESR capacitors should be used
at the output to reduce the output voltage ripple.
The small size of ceramic capacitors is an
excellent choice for PAM2801 applications. The
X5R and X7R types are preferred because they
maintain capacitance over wide voltage and
temperature ranges.
It's indispensable to use a Schottky diode rated
at 2A with the PAM2801. Using a Schottky diode
with a lower forward voltage drop is better to
improve the power LED efficiency, and its voltage
rating should be greater than the output voltage.
In
application,
the
O N
S emiconductor
MBRA210LT3G is recommended.
The LED current is set by the single external Rs
resistor connected to the FB pin as shown in the
typical application circuit on page 1. The typical
FB reference is internally regulated to 95mV. The
LED current is 95mV/Rs. It's recommended to
use a 1% or better precision resistor for the
better LED current accuracy. The formula and
table 1 for Rs selection are shown as follows:
Rs=95mV/I
Table 1. Rs Resistor Value Selection
One method for dimming the LEDs is to apply a
variable DC voltage through a resistor to the FB
pin of the PAM2801. The dimming control with a
DC voltage is shown in the Figure1. The DC
voltage artificially raises the FB pin voltage, with
the DC voltage increasing, the voltage across R2
increases and the voltage across Rs decreases,
which therefore lowers the LED current. The
values of resistor R1 and R2 should be large
enough to make the current from the DC source
much smaller than the LED current while much
larger than the FB leakage current. When V
ranges from 0V to 2V, the resistors in the Figure
will set the LED current from 0mA to 350mA.
2
LED
DC
Figure 1. Dimming Control Using a DC Voltage to
FB Pin
Application Information
6
PAM2801
FB
R1
R2
V
DC
R
0.27
S
Ω
1W
WLED
22KΩ
1KΩ
08/2007
PAM2801
1W High Power White LED Driver
Standard Value(Ω
)
ILED(mA)
195
0.47
202
0.39
243
0.33
288
0.27
352
0.24
396
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com