Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 17 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 17 Page - Power Analog Micoelectronics

Back Button PAM3101 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 18Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 19Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 20Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 21Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Ordering Information(continued)
17
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
P art N um ber
O utput Voltage
M arking
Package Type
S hipping Pack age
PAM 3101H CA250
2.5V
P3101G
XXXYW
S OT89-3
1,000U nits/Tape&R eel
PAM 3101H CA180
1.8V
P3101E
XXXYW
S OT89-3
1,000U nits/Tape&R eel
PAM 3101H CA150
1.5V
P 3101C
XXXYW
S OT89-3
1,000U nits/Tape&R eel
PAM 3101DBA 475
4.75V
AATYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DBA 400
4.0V
AA M YW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 380
3.8V
A AOYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 330
3.3V
AA KYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 310
3.1V
AA PYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 300
3.0V
A AJYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 290
2.9V
A AQYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 285
2.85V
AAIYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 280
2.8V
AAH YW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 250
2.5V
A AGYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 180
1.8V
AA EYW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101DAB 150
1.5V
AAC YW
S OT23-5
3,000U nits/Tape&R eel
PAM 3101ECB 475
4.75V
P3101T
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 400
4.0V
P 3101M
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 380
3.8V
P3101O
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 330
3.3V
P3101K
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 310
3.1V
P3101P
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 300
3.0V
P3101J
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 290
2.9V
P3101Q
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 285
2.85V
P 3101I
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 280
2.8V
P 3101H
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 250
2.5V
P3101G
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 180
1.8V
P3101E
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM 3101ECB 150
1.5V
P 3101C
XXXYW
S OT89-5
1,000U nits/Tape&R eel
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com