Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 16 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 16 Page - Power Analog Micoelectronics

Back Button PAM3101 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 18Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 19Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 20Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Ordering Information(continued)
16
P art N um ber
Output Voltage
Marking
Package Type
S hipping Package
PAM3101CC A475
4.75V
P 3101T
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A400
4.0V
P3101M
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A380
3.8V
P3101O
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A330
3.3V
P3101K
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A310
3.1V
P3101P
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A300
3.0V
P3101J
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A290
2.9V
P3101Q
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A285
2.85V
P3101I
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A280
2.8V
P3101H
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A250
2.5V
P3101G
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A180
1.8V
P3101E
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101CC A150
1.5V
P3101C
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A475
4.75V
P 3101T
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A400
4.0V
P3101M
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A380
3.8V
P3101O
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A330
3.3V
P3101K
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A310
3.1V
P3101P
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A300
3.0V
P3101J
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A290
2.90V
P3101Q
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A285
2.85V
P3101I
XXXYW
SOT89-3
1,000Units/Tape&Reel
PAM3101HC A280
2.8V
P3101H
XXXYW
SOT89-3
1,000Units/Tape&Reel
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com