Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM3101 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 18Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Ordering Information
PAM3101 XXXxxx
Output Voltage
Number of Pins
Package Type
Pin Configuration
14
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin Configuration
Package Type
Number of Pins
Output Voltage
AType
1. GND
2. VOUT
3. VIN
CType
1. VOUT
2. GND
3. VIN
DType
1. VIN
2. GND
3. EN
4. BYP
5. VOUT
EType
1. VOUT
2. GND
3. NC
4. EN
5. VIN
FType
1. EN
2. GND
3. VOUT
4. VIN
HType
1. GND
2. VIN
3. VOUT
GType
1. VIN
2. VOUT
3. GND
A: SOT-23
C: SOT-89
U: SC70
A: 3
K: 4
B: 5
475: 4.75V
400: 4.0V
380: 3.8V
330: 3.3V
310: 3.1V
300: 3.0V
290: 2.9V
285: 2.85V
280: 2.8V
250: 2.5V
180: 1.8V
150: 1.5V
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com