Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3101 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
n
n
n
n
n
n
n
n
n
n
n
n
n
Low Dropout Voltage: 180mV@300mA
(V =3.3V)
Output Voltage Accuracy within ±2%
Quiescent Current 65 A Typ.
High PSRR: 70dB@1kHz
Excellent Line and Load Regulation
Fast Response
Current Limiting
Short Circuit Protection
Low Temperature Coefficient
Thermal Shutdown
O
:
μ
Shutdown Current 0.5 A
Space Saving Package: SOT-23 , SOT-89
and SC70
Pb-Free Package
Cordless Phones
Cellular Phones
Bluetooth Earphones
Digital Cameras
Portable Electronics
WLANs
MP3 Players
The PAM3101 series of positive voltage linear
regulators feature low quiescent current (65 A
Typ.) and low dropout voltage, making them ideal
for battery powered applications. Their high
PSRR make them useful in applications where
AC noise on the input power supply must be
suppressed. Space-saving SOT-23, SOT-89 and
SC70 packages are attractive for portable and
handheld applications. They have both thermal
shutdown and current limit features to prevent
device failure from extreme operating conditions.
They are stable with an output capacitor of 2.2 F
or greater.
:
μ
μ
μ
Applications
General Description
n
n
n
n
n
n
n
Block Diagram
Typical Application
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
1
www.poweranalog.com
OUT
2.2 F
μ
IN
C
O
C
1F
IN
μ
VIN
VOUT
GND
PAM3101
OUT
2.2 F
μ
IN
C
O
C
1F
IN
μ
C
10nF
BYP
VIN
VOUT
EN
GND
BYP
PAM3101
VIN
VOUT
GND
EN
BYP
Bandgap
OverCurrent
Shutdown
Amp
Thermal
Protection
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc


Similar Part No. - PAM3101

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA250 PAM-PAM3101AAA250 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA280 PAM-PAM3101AAA280 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA285 PAM-PAM3101AAA285 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com