Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L45CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40L45CW
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45CW Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40L45CW Datasheet HTML 1Page - STMicroelectronics STPS40L45CW Datasheet HTML 2Page - STMicroelectronics STPS40L45CW Datasheet HTML 3Page - STMicroelectronics STPS40L45CW Datasheet HTML 4Page - STMicroelectronics STPS40L45CW Datasheet HTML 5Page - STMicroelectronics STPS40L45CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STPS40L45CG/CT/CW
July 2003 - Ed: 4A
LOW DROP POWER SCHOTTKY RECTIFIER
®
Dual center tap Schottky barrier rectifier designed
for high frequency Switched Mode Power Supplies
and DC to DC converters.
Packaged in TO-220AB, TO-247 and D
2PAK
these devices are intended for use in low voltage,
high
frequency
inverters,
free-wheeling
and
polarity protection applications.
DESCRIPTION
s
LOW FORWARD VOLTAGE DROP MEANING
VERY SMALL CONDUCTION LOSSES
s
LOW SWITCHING LOSSES ALLOWING HIGH
FREQUENCY OPERATION
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 130°C
δ = 0.5
Per diode
Per device
20
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
230
A
IRRM
Repetitive peak reverse current
tp=2µs square F = 1kHz
2A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
3A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
8100
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2x20A
VRRM
45 V
Tj (max)
150 °C
VF (max)
0.49 V
MAIN PRODUCTS CHARACTERISTICS
A1
K
A2
TO-247
STPS40L45CW
A1
K
A2
TO-220AB
STPS40L45CT
K
A2
A1
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
K
A1
A2
D
2PAK
STPS40L45CG


Similar Part No. - STPS40L45CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40L45CW STMICROELECTRONICS-STPS40L45CW Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
logo
Vishay Siliconix
STPS40L45CW VISHAY-STPS40L45CW Datasheet
115Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
STPS40L45CW VISHAY-STPS40L45CW Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 20 A
14-Aug-08
logo
STMicroelectronics
STPS40L45CW STMICROELECTRONICS-STPS40L45CW Datasheet
186Kb / 11P
Low drop power Schottky rectifier
30-Oct-2013
logo
Vishay Siliconix
STPS40L45CW-N3 VISHAY-STPS40L45CW-N3 Datasheet
175Kb / 7P
Schottky Rectifier, 2 x 20 A
30-Aug-11
More results

Similar Description - STPS40L45CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com