Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L45CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40L45CW
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45CW Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40L45CW Datasheet HTML 1Page - STMicroelectronics STPS40L45CW Datasheet HTML 2Page - STMicroelectronics STPS40L45CW Datasheet HTML 3Page - STMicroelectronics STPS40L45CW Datasheet HTML 4Page - STMicroelectronics STPS40L45CW Datasheet HTML 5Page - STMicroelectronics STPS40L45CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS40L45CT/CW
2/6
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage cur-
rent
Tj = 25°C
VR =VRRM
0.6
mA
Tj = 125°C
140
280
mA
VF *
Forward voltage
drop
Tj=25
°CIF =20 A
0.53
V
Tj = 125°C
IF =20 A
0.42
0.49
Tj = 25°C
IF =40 A
0.69
Tj = 125°C
IF =40 A
0.6
0.7
Pulse test:*tp=380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P=0.28xIF(AV) + 0.0105 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
Total
1.5
0.8
°C/W
Rth(c)
Coupling
0.1
°C/W
THERMAL RESISTANCES
0
2
4
6
8
1012141618202224
0
2
4
6
8
10
12
14
16
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
20
22
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5, per diode)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com