Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L45CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS40L45CW
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45CW Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40L45CW Datasheet HTML 1Page - STMicroelectronics STPS40L45CW Datasheet HTML 2Page - STMicroelectronics STPS40L45CW Datasheet HTML 3Page - STMicroelectronics STPS40L45CW Datasheet HTML 4Page - STMicroelectronics STPS40L45CW Datasheet HTML 5Page - STMicroelectronics STPS40L45CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS40L45CT/CW
3/6
1E-3
1E-2
1E-1
1E+0
0
25
50
75
100
125
150
175
200
225
250
t(s)
IM(A)
Tc=25°C
Tc=125°C
Tc=75°C
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
0
5
10
15
20
25
30
35
40
45
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
VR(V)
IR(mA)
Tj=125°C
Tj=75°C
Tj=25°C
Tj=150°C
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
1
10
100
0.1
1.0
10.0
C(nF)
F=1MHz
Tj=25°C
VR(V)
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values, per diode).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com