Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L45CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40L45CW
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45CW Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40L45CW Datasheet HTML 1Page - STMicroelectronics STPS40L45CW Datasheet HTML 2Page - STMicroelectronics STPS40L45CW Datasheet HTML 3Page - STMicroelectronics STPS40L45CW Datasheet HTML 4Page - STMicroelectronics STPS40L45CW Datasheet HTML 5Page - STMicroelectronics STPS40L45CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STPS40L45CT/CW
4/6
PACKAGE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
s
COOLING METHOD : C
s
RECOMMENDED TORQUE VALUE : 0.55M.N
s
MAXIMUM TORQUE VALUE : 0.70 M.N
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
1000
VFM(V)
IFM(A)
Typical values
Tj=150°C
Tj=125°C
Tj=75°C
Tj=25°C
Fig. 9: Forward voltage drop versus forward
current (maximum values, per diode).
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35µm)
(STPS40L45CG only).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com