Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8606 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8606 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Notes
1. The AP AUX-0025 low pass filter is necessary for every class-D amplifier measurement
with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for
efficiency measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8606 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com