Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8606 Datasheet(PDF) 16 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 16 Page - Power Analog Micoelectronics

Back Button PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 15Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Outline Dimension
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
16
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
www.poweranalog.com
MILLIMETER
MILLIMETER
SYMBOL
MIN
NOM
MAX
SYMBOL
MIN
NOM
MAX
A
-
-
1.60
E
8.80
9.00
9.20
A1
0.05
0.15
0.25
E1
6.80
7.00
7.20
A2
0.9
1.50
E2
5.00REF
B
0.19
-
0.27
e
0.50BSC
b1
0.18
0.20
0.23
L
0.35
0.50
0.65
c
0.13
-
0.18
L1
1.00BSC
c1
0.12
0.13
0.14
θ
0-
8
D
8.80
9.00
9.20
D1
6.80
7.00
7.20
D2
5.00REF
BASE METAL
b1
c1 c
WITH PLATING
SECTION B-B
C
θ
L
L1
DETAIL: F
1
12
13
24
25
36
37
48
b
e
B B
D
D1
D2
48pin TQFP
F
A1
A2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com