Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8606 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 15Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information
12
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Heat Dissipation in PCB Design
Dual-Side PCB
4-layer PCB
Consideration for EMI
Vertical Polarization
Horizontal Polarization
Generally, class-D amplifiers are high efficiency
and need no heat sink. For high power ones that
has high dissipation power, the heat sink may also
not necessary if the PCB is carefully designed to
achieve good heat dissipation by the PCB itself.
To achieve good heat dissipation, the PCB’s
copper plate should be thicker than 0.035mm and
the copper plate on both sides of the PCB should
be utilized as heat sink.
The thermal pad on the bottom of the device
should be soldered to the plate of the PCB, and
via holes, usually 9 to 16, should be drilled in the
PCB area under the device and deposited copper
on the vias should be thick enough so that the
heat can be dissipated to the other side of the
plate. There should be no insulation mask on the
other side of the copper plate. It is better to drill
more vias on the PCB around the device if
possible.
If it is 4-layer PCB, the two middle layers of
grounding and power can be employed as heat
sink, isolating them into serval islands to avoid
short between ground and power.
Filters are not required if the traces from the
amplifier to the speakers are short (<20cm). But
most applications require a ferrite bead filter as
shown in below figure. The ferrite bead filter
reduces EMI of around 1MHz and higher to meet
the
F CC
and
CE's
requirements.
It
is
recommended to use a ferrite bead with very low
impedances at low frequencies and high
impedance at high frequencies (above 1MHz).
The EMI characteristics are as follows after
employing the ferrite bead.
200pF
200pF
OUT+
OUT-
Ferrite Bead
Ferrite Bead
OUTP
OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com