Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8606 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 15Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Volume Control
FADE Operation
MUTE Operation
Shutdown Operation
A DC volume control section is integrated in
PAM8606, controlling via VREF, VOLUME and
VREFGND terminals. The voltage on VOLUME
pin, without exceeding VREF, determines internal
amplifier gain as listed in Table 1.
If a resistor divider is used to fix gain of the
amplifier, the VREF terminal can be directly
connected to AVDD and the resistor divider
connected across VREF and REFGND. For fixed
gain, the resistor divider values are
to
center the voltage given in the Table 1.
The
terminal is a logic input that controls
the operation of the volume control circuitry
during transitions to and from the shutdown state
and during power-up.
A logic low on this terminal will set the amplifier in
fade mode. During power-up or recovery from the
shutdown state (a logic high is applied to the
terminal), the volume is smoothly ramped up from
the mute state, -75dB, to the desired volume set
by the voltage on the volume control terminal.
Conversely, the volume is smoothly ramped down
from the current state to the mute state when a
logic low is applied to the
terminal. A logic high
on this pin disables the volume fade effect during
transitions to and from the shutdown state and
during power-up. During power-up or recovery
from the shutdown state (a logic high is applied to
the
terminal), the transition from the mute
state, -75dB, to the desired volume setting is less
than 1ms. Conversely, the volume ramps down
from current state to the mute state within 1ms
when a logic low is applied to the
terminal.
The MUTE pin is an input for controlling the output
state of the PAM8606. A logic high on this pin
disables the outputs and low enables the outputs.
This pin may be used as a quick disable or enable
of the outputs without a volume fade.
For power saving, the
pin should be used to
reduce the quiescent current to the absolute
minimum level. The volume will fade, increasing
or decreasing slowly, when leaving or entering the
shutdown state if the
terminal is held low. If
the
terminal is held high, the outputs will
transit very quickly. Refer to the
operation
section.
The PAM8606 employs a shutdown operation
mode to reduce supply current to the absolute
minimum level during periods of non-use to save
power. The
input terminal should be held high
during normal operation when the amplifier is in
use. Pulling
low causes the outputs to mute
and the amplifier to enter a low-current state.
should never be left unconnected to prevent the
amplifier from unpredictable operation.
For the best power-off pop performance, the
amplifier should be set in shutdown mode prior to
removing the power supply voltage.
FADE
FADE
FADE
FADE
calculated
The internal 2.5V bias generator (V2P5) provides
the internal bias for the preamplifier stage. The
external input capacitors and this internal
reference allow the inputs to be biased within the
optimal common-mode range of the input
preamplifiers.
The selection of the capacitor value on the V2P5
terminal is critical for achieving the best device
performance. During startup or recovery from
shutdown state, the V2P5 capacitor determines
the rate at which the amplifier starts up. When the
voltage on the V2P5 capacitor equals 0.75 x
V2P5, or 75% of its final value, the device turns
on and the class-D outputs start switching. The
startup time is not critical for the best de-pop
performance since any heard pop sound is the
result of the class-D output switching-on other
than that of the startup time. However, at least a
0.47µF capacitor is recommended for the V2P5
capacitor.
Another function of the V2P5 capacitor is to filter
high frequency noise on the internal 2.5V bias
generator.
The PAM8606 is a high-performance CMOS audio
amplifier that requires adequate power supply
decoupling to ensure the output total harmonic
distortion (THD) as low as possible. Power supply
decoupling also prevents oscillations caused by
long lead between the amplifier and the speaker.
The optimum decoupling is achieved by using two
capacitors of different types that target different
types of noise on the power supply leads. For
higher frequency transients, spikes, or digital
hash on the line, a good low equivalent-series
SD
SD
SD
SD
SD
SD
SD
SD
Internal 2.5V Bias Generator Capacitor
Selection
Power Supply Decoupling, C
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com