Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV1GW98ACME Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV1GW98ACME
Description  Configurable Multiple-Function Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW98ACME Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV1GW98ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LV1GW98A
Rev.3.00, May 19, 2006 page 4 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range
*1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output : H or L
Output voltage range
*1, 2
VO
–0.5 to 7.0
V
VCC : OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
—
1
VCC = 1.65 to 1.95 V
—
2
VCC = 2.3 to 2.7 V
—
6
VCC = 3.0 to 3.6 V
IOL
—
12
VCC = 4.5 to 5.5 V
—
–1
VCC = 1.65 to 1.95 V
—
–2
VCC = 2.3 to 2.7 V
—
–6
VCC = 3.0 to 3.6 V
Output current
IOH
—
–12
mA
VCC = 4.5 to 5.5 V
0
300
VCC = 1.65 to 1.95 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t / ∆v
0
20
ns / V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com