Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV1GW98ACME Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1GW98ACME
Description  Configurable Multiple-Function Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW98ACME Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1GW98ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00, May 19, 2006 page 1 of 8
HD74LV1GW98A
Configurable Multiple–Function Gate
REJ03D0084-0300
Rev.3.00
May 19, 2006
Description
The HD74LV1GW98A has configurable multiple–function gate in a 6 pin package. The Output state is determined by
eight patterns of 3–bit input. The user can choose the logic functions AND, NAND, OR, NOR, INVERTER, Non–
Inverted Buffer, Data Selector. Low voltage and high-speed operation is suitable for the battery powered products (e.g.,
notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping
Abbreviation (Quantity)
HD74LV1GW98ACME
CMPAK-6 pin
PTSP0006JA-A
(CMPAK-6V)
CM
E (3,000 pcs / Reel)
Outline and Article Indication
• HD74LV1GW98A
Marking
= Control code
W 1
Index band
CMPAK–6


Similar Part No. - HD74LV1GW98ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW98A RENESAS-HD74LV1GW98A_15 Datasheet
168Kb / 9P
Configurable Multiple?밊unction Gate
More results

Similar Description - HD74LV1GW98ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com