Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV1GW98ACME Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1GW98ACME
Description  Configurable Multiple-Function Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW98ACME Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV1GW98ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LV1GW98A
Rev.3.00, May 19, 2006 page 6 of 8
Switching Characteristics
VCC = 1.8±0.15 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
—
15.8
29.4
1.0
33.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
—
22.6
40.9
1.0
45.0
ns
CL = 50 pF
IN
Y
VCC = 2.5±0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
—
9.4
17.6
1.0
21.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
—
12.6
22.6
1.0
26.5
ns
CL = 50 pF
IN
Y
VCC = 3.3±0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
—
7.0
11.0
1.0
13.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
—
9.5
14.5
1.0
16.5
ns
CL = 50 pF
IN
Y
VCC = 5.0±0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
—
4.8
6.8
1.0
8.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
—
6.3
8.8
1.0
10.0
ns
CL = 50 pF
IN
Y
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
—
8.5
—
Power dissipation
capacitance
CPD
5.0
—
10.0
—
pF
f = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com