Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV1GW98ACME Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV1GW98ACME
Description  Configurable Multiple-Function Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW98ACME Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LV1GW98ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW98ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LV1GW98A
Rev.3.00, May 19, 2006 page 7 of 8
Test Circuit
CL
Measurement point
Note: CL includes probe and jig capacitance.
*
Input
In phase output
90%
50%
10%
tPLH
tPHL
VCC
GND
VOH
VOL
tPHL
tPLH
90%
50%
10%
50%
50%
50%
50%
• Waveforms
Out of phase output
VOH
VOL
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com