Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2620 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2620
Description  Silicon NPN Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2620 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2620 Datasheet HTML 1Page - Renesas Technology Corp 2SC2620 Datasheet HTML 2Page - Renesas Technology Corp 2SC2620 Datasheet HTML 3Page - Renesas Technology Corp 2SC2620 Datasheet HTML 4Page - Renesas Technology Corp 2SC2620 Datasheet HTML 5Page - Renesas Technology Corp 2SC2620 Datasheet HTML 6Page - Renesas Technology Corp 2SC2620 Datasheet HTML 7Page - Renesas Technology Corp 2SC2620 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC2620
Rev.2.00 Aug 10, 2005 page 4 of 7
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
f = 1 MHz
IE = 0
1.5
1.3
1.1
0.9
0.7
0.5
0.3
10
1.0
30
3
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
VCE = 6 V
1,000
800
600
400
200
0
0.1
0.5
2
10
0.2
1.0
5
20
Noise Figure vs. Collector Current
Collector Current IC (mA)
IC = 1 mA
f = 100 MHz
Rg = 50 Ω
8
6
4
2
0
0.2
1.0
5
0.5
2
10
Noise Figure vs. Signal Source Resistance
Signal Source Resistance Rg (Ω)
VCE = 6 V
IC = 1 mA
f = 100 MHz
8
6
4
2
0
20
100
500
50
200
1,000
8
6
4
2
0
15
210
20
Noise Figure vs. Collector to
Emitter Voltage
Collecter to Emitter Voltage VCE (V)
VCE = 6 V
f = 100 MHz
Rg = 50 Ω
100 MHz Power Gain Test Circuit
300 p
3 k
500
0.01
µ
0.1
µ
0.01
µ
10 p
max
VEE
VCC
0.01
µ
D.U.T.
IN
f = 100 MHz
Rg = 100 Ω
OUT
Rl = 550 Ω
Unit R :
Ω
C : F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com