Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2620 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC2620
Description  Silicon NPN Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2620 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC2620 Datasheet HTML 1Page - Renesas Technology Corp 2SC2620 Datasheet HTML 2Page - Renesas Technology Corp 2SC2620 Datasheet HTML 3Page - Renesas Technology Corp 2SC2620 Datasheet HTML 4Page - Renesas Technology Corp 2SC2620 Datasheet HTML 5Page - Renesas Technology Corp 2SC2620 Datasheet HTML 6Page - Renesas Technology Corp 2SC2620 Datasheet HTML 7Page - Renesas Technology Corp 2SC2620 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC2620
Rev.2.00 Aug 10, 2005 page 6 of 7
Reverse Transfer Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
–1.0
–0.1
–0.05
–0.02
–0.01
–0.005
–5
–0.2
–0.1
–0.05
15
20
210
yre = gre + jbre
IC = 1 mA
f = 100 MHz
bre
gre
yre = gre + jbre
VCE = 6 V
f = 100 MHz
Reverse Transrer Admittance vs.
Collector Current
Collector Current IC (mA)
bre
gre
–1.0
–0.5
–0.2
–0.1
–0.05
–0.02
–0.01
–0.1
–0.05
–0.02
–0.01
–0.005
–0.002
–0.001
0.1
0.5
2
10
0.2
1.0
5
Forward Transfer Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
100
50
20
10
5
15
20
210
yfe = gfe + jbfe
IC = 1 mA
f = 100 MHz
–bfe
gfe
yfe = gfe + jbfe
VCE = 6 V
f = 100 MHz
Forward Transrer Admittance vs.
Collector Current
Collector Current IC (mA)
–bfe
gfe
100
50
20
10
5
2
1
0.1
0.5
2
10
0.2
1.0
5
Output Admittance vs. Collector
to Emitter Voltage
Collector to Emitter Voltage VCE (V)
2.0
1.0
0.5
0.2
0.1
15
20
0.01
0.02
0.05
0.1
0.2
210
yeo = goe + jboe
IC = 1 mA
f = 100 MHz
boe
goe
Output Admittance vs. Collector Current
Collector Current IC (mA)
0.1
0.5
2
10
0.2
1.0
5
2.0
1.0
0.5
0.2
0.1
0.05
0.02
yoe = goe + jboe
VCE = 6 V
f = 100 MHz
boe
goe



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com