Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2620 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2620
Description  Silicon NPN Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2620 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2620 Datasheet HTML 1Page - Renesas Technology Corp 2SC2620 Datasheet HTML 2Page - Renesas Technology Corp 2SC2620 Datasheet HTML 3Page - Renesas Technology Corp 2SC2620 Datasheet HTML 4Page - Renesas Technology Corp 2SC2620 Datasheet HTML 5Page - Renesas Technology Corp 2SC2620 Datasheet HTML 6Page - Renesas Technology Corp 2SC2620 Datasheet HTML 7Page - Renesas Technology Corp 2SC2620 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC2620
Rev.2.00 Aug 10, 2005 page 3 of 7
Main Characteristics
Typical Output Characteristics
20
16
12
8
4
04
16
12
IB = 0
P
C
= 100
mW
25
µA
50
75
100
125
Collector to Emitter Voltage VCE (V)
20
8
150
300
175
200
225
250
275
Typical Output Characteristics
50
40
30
20
10
µA
IB = 0
5
4
3
2
1
04
12
20
8
Collector to Emitter Voltage VCE (V)
16
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
VCE = 6 V
120
100
80
60
40
20
0
0.1
0.5
10
5
0.2
2
20
1.0
Typical Transfer Cahracteristics (1)
VCE = 6 V
20
16
12
8
4
0
0.6
0.7
Base to Emitter Voltage VBE (V)
0.8
Typical Transfer Cahracteristics (2)
VCE = 6 V
5
4
3
2
1
0
0.6
0.7
Base to Emitter Voltage VBE (V)
0.8
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
150
100
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com