Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2620 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2620
Description  Silicon NPN Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2620 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2620 Datasheet HTML 1Page - Renesas Technology Corp 2SC2620 Datasheet HTML 2Page - Renesas Technology Corp 2SC2620 Datasheet HTML 3Page - Renesas Technology Corp 2SC2620 Datasheet HTML 4Page - Renesas Technology Corp 2SC2620 Datasheet HTML 5Page - Renesas Technology Corp 2SC2620 Datasheet HTML 6Page - Renesas Technology Corp 2SC2620 Datasheet HTML 7Page - Renesas Technology Corp 2SC2620 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC2620
Rev.2.00 Aug 10, 2005 page 5 of 7
Input Admittance Characteristics
Input Conductance gie (mS)
yie = gie + jbie
VCE = 6 V
f = 200 MHz
IC = 1 mA
150
150
50
70
70
100
100
200
2 mA
3 mA
5 mA
50 MHz
18
16
14
12
10
8
6
4
2
02
8
14
612
18
410
16
Reverse Transfer Admittance
Characteristics
f = 50 MHz
70
100
150
200
IC = 5 mA 3 2 1
–1.0
–0.8
–0.6
–0.4
–0.2
0
–0.04
–0.16
–0.12
–0.08
Reverse Transfer Conductance gre (mS)
yre = gre + jbre
VCE = 6 V
–0.20
Forward Transfer Admittance
Characteristics
–120
–100
–80
–60
–40
–20
IC = 1 mA
2 mA
3 mA
5 mA
200
150
100
70
020
60
40
80
120
100
Forward Transfer Conductance gfe (mS)
f = 50 MHz
yfe = gfe + jbfe
VCE = 6 V
Output Admittance Characteristics
Output Conductance goe (mS)
yoe = goe + jboe
VCE = 6 V
IC = 1 mA 23
5
2.4
2.0
1.6
1.2
0.8
0.4
00.1
0.6
0.4
0.3
0.2
0.5
150
100
70
50
f = 200 MHz
Input Admittance vs. Collector
to Emitter Voltage
Collector to Emitter Voltage VCE (V)
10
5
2
1.0
0.5
15
20
210
yie = gie + jbie
IC = 1 mA
f = 100 MHz
bie
gie
Input Admittance vs. Collector Current
Collector Current IC (mA)
yie = gie + jbie
VCE = 6 V
f = 100 MHz
20
10
5
2
1.0
0.5
0.2
0.1
0.5
2
10
0.2
1.0
5
bie
gie



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com