Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G8HKP Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M38039G8HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G8HKP Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M38039G8HKP Datasheet HTML 38Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 39Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 40Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 41Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 42Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 43Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 44Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 45Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 42 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
SERIAL INTERFACE
• Serial I/O1
Serial I/O1 can be used as either clock synchronous or
asynchronous (UART) serial I/O. A dedicated timer is also
provided for baud rate generation.
(1) Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O1 mode can be selected by setting
the serial I/O1 mode selection bit of the serial I/O1 control
register (bit 6 of address 001A16) to “1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. If an internal clock is used, transfer is
started by a write signal to the transmit/receive buffer register.
Fig 32. Block diagram of clock synchronous serial I/O1
Fig 33. Operation of clock synchronous serial I/O1
Serial I/O1 control register
Receive buffer register 1
Receive shift register 1
Clock control circuit
1/4
Baud rate generator 1
f(XIN)
1/4
Clock control circuit
Falling-edge detector
Transmit buffer register 1
Transmit shift register 1
Serial I/O1 status register
F/F
Address 001816
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Shift clock
Serial I/O1 synchronous clock selection bit
Frequency division ratio 1/(n+1)
Address 001C16
BRG count source selection bit
Address 001816
Shift clock
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Address 001916
Address 001A16
Data bus
Data bus
P46/SCLK1
P44/RXD1
P45/TXD1
P47/SRDY1
(f(XCIN) in low-speed mode)
D7
D7
D0
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TBE = 1
TSC = 0
Transfer shift clock
(1/2 to 1/2048 of the internal
clock, or an external clock)
Serial output TXD1
Serial input RXD1
Write pulse to receive/transmit
buffer register 1 (address 001816)
Overrun error (OE)
detection
Notes 1: As the transmit interrupt (TI), which can be selected, either when the transmit buffer has emptied (TBE=1) or after the transmit
shift operation has ended (TSC=1), by setting the transmit interrupt source selection bit (TIC) of the serial I/O1 control register.
2: If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and serial data is output
continuously from the TXD pin.
3: The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1”.
Receive enable signal SRDY1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com