Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G8HKP Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M38039G8HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G8HKP Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M38039G8HKP Datasheet HTML 52Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 53Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 54Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 55Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 56Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 57Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 58Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 59Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 56 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
PULSE WIDTH MODULATION (PWM)
The 3803 group (Spec.H QzROM version) has PWM functions
with an 8-bit resolution, based on a signal that is the clock input
XIN or that clock input divided by 2 or the clock input XCIN or
that clock input divided by 2 in low-speed mode.
• Data Setting
The PWM output pin also functions as port P56. Set the PWM
period by the PWM prescaler, and set the “H” term of output
pulse by the PWM register.
If the value in the PWM prescaler is n and the value in the PWM
register is m (where n = 0 to 255 and m = 0 to 255):
PWM period = 255 × (n+1) / f(XIN)
= 31.875 × (n+1)
µs
(when f(XIN) = 8 MHz, count source selection bit = “0”)
Output pulse “H” term = PWM period × m / 255
= 0.125 × (n+1) × m
µs
(when f(XIN) = 8 MHz, count source selection bit = “0”)
• PWM Operation
When bit 0 (PWM enable bit) of the PWM control register is set
to “1”, operation starts by initializing the PWM output circuit,
and pulses are output starting at an “H”.
If the PWM register or PWM prescaler is updated during PWM
output, the pulses will change in the cycle after the one in which
the change was made.
Fig 45. Timing of PWM period
Fig 46. Block diagram of PWM function
31.875
× m × (n+1)
255
µs
T = [31.875
× (n+1)] µs
PWM output
m : Contents of PWM register
n : Contents of PWM prescaler
T : PWM period
(when f(XIN) = 8 MHz, count source selection bit = “0”)
Data bus
Count source
selection bit
“0”
“1”
PWM
prescaler pre-latch
PWM
register pre-latch
PWM
prescaler latch
PWM
register latch
Transfer control circuit
PWM register
1/2
XIN
(XCIN at low-
speed mode)
Port P56 latch
PWM function enable bit
Port P56
PWM prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com