Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G8HKP Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M38039G8HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G8HKP Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M38039G8HKP Datasheet HTML 71Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 72Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 73Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 76Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 77Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 78Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 75 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
A/D converter characteristics
NOTES:
1. 8-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “1”.
2. 10-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “0”.
NOTES:
1. 8-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “1”.
2. 10-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “0”.
D/A converter characteristics
NOTES:
1. Using one D/A converter, with the value in the DA conversion register of the other D/A converter being “0016”.
Table 15
A/D converter recommended operating conditions
(VCC = 2.0 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VCC
Power source voltage
(When A/D converter is used)
8-bit A/D mode(1)
2.0
5.0
5.5
V
10-bit A/D mode(2)
2.2
5.0
5.5
VREF
Analog convert reference voltage
2.0
VCC
V
AVSS
Analog power source voltage
0
V
VIA
Analog input voltage AN0-AN15
0VCC
V
f(XIN)
Main clock input oscillation
frequency
(When A/D converter is used)
2.0
≤ VCC < 2.2 V
0.5
MHz
2.2
≤ VCC < 2.7 V
0.5
2.7
≤ VCC < 4.0 V
0.5
4.0
≤ VCC < 4.5 V
0.5
4.5
≤ VCC ≤ 5.5 V
0.5
16.8
20
VCC
36
–
×
() 1.05
×
2
-----------------------------------------------------------
24
VCC
40.8
–
×
() 1.05
×
3
----------------------------------------------------------------
9VCC
0.3
–
×
() 1.05
×
3
----------------------------------------------------------
24.6
VCC
62.7
–
×
() 1.05
×
3
---------------------------------------------------------------------
Table 16
A/D converter characteristics
(VCC = 2.0 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
−
Resolution
8-bit A/D mode(1)
8bit
10-bit A/D mode(2)
10
−
Absolute accuracy
(excluding quantization error)
8-bit A/D mode(1)
2.0
≤ VREF < 2.2 V
±3
LSB
2.2
≤ VREF ≤ 5.5 V
±2
10-bit A/D mode(2)
2.2
≤ VREF < 2.7 V
±5
LSB
2.7
≤ VREF ≤ 5.5 V
±4
tCONV
Conversion time
8-bit A/D mode(1)
50
2tc(XIN)
10-bit A/D mode(2)
61
RLADDER
Ladder resistor
12
35
100
k
Ω
IVREF
Reference power
source input current
at A/D converter operated VREF = 5.0 V
50
150
200
µA
at A/D converter stopped
VREF = 5.0 V
5.0
µA
II(AD)
A/D port input current
5.0
µA
Table 17
D/A converter characteristics
(VCC = 2.7 to 5.5 V, VREF = 2.7 V to VCC, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
−
Resolution
8bit
−
Absolute accuracy
4.0
≤ VREF ≤ 5.5 V
1.0
%
2.7
≤ VREF < 4.0 V
2.5
tsu
Setting time
3
µs
RO
Output resistor
2
3.5
5
k
Ω
IVREF
Reference power source input current(1)
3.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com