Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G8HKP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M38039G8HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G8HKP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M38039G8HKP Datasheet HTML 68Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 69Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 70Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 71Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 72Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 73Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G8HKP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 72 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES:
1. The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average
value measured over 100 ms. The total peak current is the peak value of all the currents.
2. The peak output current is the peak current flowing in each port.
3. The average output current IOL(avg), IOH(avg) are average value measured over 100 ms.
Table 12
Recommended operating conditions (2)
(VCC = 1.8 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
ΣIOH(peak)
“H” total peak output current(1)
P00-P07, P10-P17, P20-P27, P30, P31, P34-P37
−80
mA
ΣIOH(peak)
“H” total peak output current(1)
P40-P47, P50-P57, P60-P67
−80
mA
ΣIOL(peak)
“L” total peak output current(1)
P00-P07, P10-P17, P30-P37
80
mA
ΣIOL(peak)
“L” total peak output current(1)
P20-P27
80
mA
ΣIOL(peak)
“L” total peak output current(1)
P40-P47, P50-P57, P60-P67
80
mA
ΣIOH(avg)
“H” total average output current(1)
P00-P07, P10-P17, P20-P27, P30, P31, P34-P37
−40
mA
ΣIOH(avg)
“H” total average output current(1)
P40-P47, P50-P57, P60-P67
−40
mA
ΣIOL(avg)
“L” total average output current(1)
P00-P07, P10-P17, P30-P37
40
mA
ΣIOL(avg)
“L” total average output current(1)
P20-P27
40
mA
ΣIOL(avg)
“L” total average output current(1)
P40-P47, P50-P57, P60-P67
40
mA
IOH(peak)
“H” peak output current(2)
P00-P07, P10-P17, P20-P27, P30, P31, P34-P37,
P40-P47, P50-P57, P60-P67
−10
mA
IOL(peak)
“L” peak output current(2)
P00-P07, P10-P17, P30-P37, P40-P47, P50-P57,
P60-P67
10
mA
IOL(peak)
“L” peak output current(2)
P20-P27
20
mA
IOH(avg)
“H” average output current(3)
P00-P07, P10-P17, P20-P27, P30, P31, P34-P37,
P40-P47, P50-P57, P60-P67
−5mA
IOL(avg)
“L” average output current(3)
P00-P07, P10-P17, P30-P37, P40-P47, P50-P57,
P60-P67
5mA
IOL(avg)
“L” average output current(3)
P20-P27
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com