Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3826AECFS Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M3826AECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3826AECFS Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M3826AECFS Datasheet HTML 30Page - Renesas Technology Corp M3826AECFS Datasheet HTML 31Page - Renesas Technology Corp M3826AECFS Datasheet HTML 32Page - Renesas Technology Corp M3826AECFS Datasheet HTML 33Page - Renesas Technology Corp M3826AECFS Datasheet HTML 34Page - Renesas Technology Corp M3826AECFS Datasheet HTML 35Page - Renesas Technology Corp M3826AECFS Datasheet HTML 36Page - Renesas Technology Corp M3826AECFS Datasheet HTML 37Page - Renesas Technology Corp M3826AECFS Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 34 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Serial I/O2
Serial I/O2 can be used only for clock synchronous serial I/O.
For serial I/O2, the transmitter and the receiver must use the
same clock as a synchronous clock. When an internal clock is se-
lected as a synchronous clock, the serial I/O2 is initialized and,
transmit and receive is started by a write signal to the serial I/O2
register.
When an external clock is selected as an synchronous clock, the
serial I/O2 counter is initialized by a write signal to the serial I/O2
register, serial I/O2 becomes the state where transmission or re-
ception can be performed. Write to the serial I/O2 register while
SCLK21 is “H” state when an external clock is selected as an syn-
chronous clock.
Either P62/SCLK21 or P63/SCLK22 pin can be selected as an output
pin of the synchronous clock. In this case, the pin that is not se-
lected as an output pin of the synchronous clock functions as a I/
O port.
[Serial I/O2 Control Register (SIO2CON)] 001D16
The serial I/O2 control register contains eight control bits for the
serial I/O2 functions. After setting to this register, write data to the
serial I/O2 register and start transmit and receive.
Fig. 31 Structure of serial I/O2 control register
Fig. 32 Block diagram of serial I/O2 function
Serial I/O2 control register
(SIO2CON : address 001D16)
b7
Internal synchronous clock select bits
0 0 0: f(XIN)/8
0 0 1: f(XIN)/16
0 1 0: f(XIN)/32
0 1 1: f(XIN)/64
1 0 0:
1 0 1:
1 1 0: f(XIN)/128
1 1 1: f(XIN)/256
Serial I/O2 port selection bit
0: I/O port
1: SOUT2,SCLK21/SCLK22 signal output
P61/SOUT2 P-channel output disable bit
0: CMOS output (in output mode)
1: N-channel open-drain output
(in output mode)
Transfer direction selection bit
0: LSB first
1: MSB first
Serial I/O2 synchronous clock selection bit
0: External clock
1: Internal clock
Synchronous clock output pin selection bit
0: SCLK21
1: SCLK22
b0
b2 b1 b0
Do not select
XIN
“1”
“0”
“0”
“1”
“0”
“1”
(Note)
1/8
1/16
1/32
1/64
1/128
1/256
Data bus
Serial I/O2
interrupt request
Serial I/O2 port selection bit
Serial I/O2 counter (3)
Serial I/O 2 register (8)
Synchronous circuit
Serial I/O2 synchronous
clock selection bit
External clock
Internal synchronous
clock select bits
P63 latch
P63/SCLK22
P62/SCLK21
P61/SOUT2
P60/SIN2
P62 latch
P61 latch
(Note)
Note: It is selected by the serial I/O2 synchronous clock selection bit, the
synchronous clock output pin selection bit, and the serial I/O2 port
selection bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com