Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3826AECFS Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # M3826AECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3826AECFS Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button M3826AECFS Datasheet HTML 75Page - Renesas Technology Corp M3826AECFS Datasheet HTML 76Page - Renesas Technology Corp M3826AECFS Datasheet HTML 77Page - Renesas Technology Corp M3826AECFS Datasheet HTML 78Page - Renesas Technology Corp M3826AECFS Datasheet HTML 79Page - Renesas Technology Corp M3826AECFS Datasheet HTML 80Page - Renesas Technology Corp M3826AECFS Datasheet HTML 81Page - Renesas Technology Corp M3826AECFS Datasheet HTML 82Page - Renesas Technology Corp M3826AECFS Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 79 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.6 Notes on serial I/O1
(1)
Writing to baud rate generator (BRG)
Write data to BRG while the transmission and reception operations are stopped.
(2)
Setting procedure when using serial I/O1 transmit interrupt
When the serial I/O1 transmit interrupt is used, take the following sequence.
➀Set the serial I/O1 transmit interrupt enable bit (bit 3 of interrupt control register 1 (address 3E16))
to “0” (disabled).
➁Set the transmit enable bit (bit 4 of serial I/O1 control register (address 1A16)) to “1”.
➂Set the serial I/O1 transmit interrupt request bit (bit 3 of interrupt request register 1 (address
3C16)) to “0” (no interrupt request issued) after 1 or more instruction has executed.
➃Set the serial I/O1 transmit interrupt enable bit to “1” (enabled).
<Reason>
When the transmission enable bit is set to “1”, the transmit buffer empty flag (bit 0 of serial I/O1
status register (address 1916)) and the transmit shift register completion flag (bit 2 of serial I/O1
status register) are set to “1”.
Therefore, the serial I/O1 transmit interrupt request bit is set to “1” regardless of the state of the
transmit interrupt source selection bit (bit 3 of serial I/O1 control register).
(3)
Data transmission control with referring to transmit shift register completion flag
After the transmit data is written to the transmit buffer register (address 1816), the transmit shift
register completion flag changes from “1” to “0” with a delay of 0.5 to 1.5 shift clocks. When data
transmission is controlled with referring to the flag after writing the data to the transmit buffer
register, note the delay.
(4)
Setting serial I/O1 control register again
Set the serial I/O1 control register again after the transmission and the reception circuits are reset
by setting both the transmit enable bit and the receive enable bit to “0”.
Fig. 3.3.7 Sequence of setting serial I/O1 control register again
Set both the transmit enable bit
(TE) and the receive enable bit
(RE) to “0”
↓
Set the bits 0 to 3 and bit 6 of the
serial I/O1 control register
↓
Set both the transmit enable bit
(TE) and the receive enable bit
(RE), or one of them to “1”
Can be set with the
LDM instruction at
the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com