Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3826AECFS Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M3826AECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3826AECFS Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M3826AECFS Datasheet HTML 41Page - Renesas Technology Corp M3826AECFS Datasheet HTML 42Page - Renesas Technology Corp M3826AECFS Datasheet HTML 43Page - Renesas Technology Corp M3826AECFS Datasheet HTML 44Page - Renesas Technology Corp M3826AECFS Datasheet HTML 45Page - Renesas Technology Corp M3826AECFS Datasheet HTML 46Page - Renesas Technology Corp M3826AECFS Datasheet HTML 47Page - Renesas Technology Corp M3826AECFS Datasheet HTML 48Page - Renesas Technology Corp M3826AECFS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
Data bus
Timing controller
LCD
divider
f(XIN)/8192
(f(XCIN)/8192 in low-
speed mode)
f(XCIN)/ 32
COM0 COM1 COM2 COM3
VSS VL1 VL2 VL3
SEG3
SEG2
SEG1
SEG0
Address 004016
Address 004116
“1”
“0”
LCDCK
LCDCK count source
selection bit
LCD circuit
divider division
ratio selection bits
Bias control bit
LCD enable bit
Duty ratio selection bits
2
2
SelectorSelectorSelector Selector
Selector
Selector
LCD display RAM
Address 005316
P14/SEG38
P30/SEG18
P15/SEG39
Level
shift
Level
shift
Level
shift
Level
shift
Level
shift
Level
shift
Common
driver
Common
driver
Common
driver
Common
driver
C1 C2
Voltage multiplier
control bit
Level
Shift
Level
Shift
Level
Shift
Level
Shift
Segment
driver
Segment
driver
Segment
driver
Segment
driver
Segment
driver
Segment
driver
Bias control
LCD output
enable bit
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com