Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3826AECFS Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M3826AECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3826AECFS Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M3826AECFS Datasheet HTML 52Page - Renesas Technology Corp M3826AECFS Datasheet HTML 53Page - Renesas Technology Corp M3826AECFS Datasheet HTML 54Page - Renesas Technology Corp M3826AECFS Datasheet HTML 55Page - Renesas Technology Corp M3826AECFS Datasheet HTML 56Page - Renesas Technology Corp M3826AECFS Datasheet HTML 57Page - Renesas Technology Corp M3826AECFS Datasheet HTML 58Page - Renesas Technology Corp M3826AECFS Datasheet HTML 59Page - Renesas Technology Corp M3826AECFS Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 56 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 62 State transitions of system clock
Notes 1: Switch the mode according to the arrows shown between the mode blocks. (Do not switch between the mode directly without an arrow.)
2: The all modes can be switched to the stop mode or the wait mode and returned to the source mode when the stop mode or the wait
mode is ended.
3: When the stop mode is ended, a delay time can be set by timer 1 and timer 2.
4: Timer and LCD operate in the wait mode.
5: Wait until oscillation stabilizes after oscillating the main clock before the switching from the low-speed mode to middle-/high-speed mode.
6: The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin. φ indicates the system clock.
CM4 : Xc switch bit
0: Oscillation stop
1: XCIN, XCOUT
CM5 : Main clock (XIN–XOUT) stop bit
0: Oscillating
1: Stopped
CM6 : Main clock division ratio selection bit
0: f(XIN)/2 (high-speed mode)
1: f(XIN)/8 (middle-speed mode)
CM7 : System clock selection bit
0: XIN–XOUT selected
(middle-/high-speed mode)
1: XCIN–XCOUT selected
(low-speed mode)
CPU mode register
(CPUM : address 003B16)
b7
b4
Reset
CM6
“0”
“1”
CM6
“0”
“1”
“0
”
C
M
5
C
M
6
“0
”
“1
”
“0
”
“1
”
C
M
5
C
M
6
“1
”
“1
”
“0
”
CM6
“0”
“1”
CM7 = 0 (8 MHz selected)
CM6 = 1 (Middle-speed)
CM5 = 0 (8 MHz oscillating)
CM4 = 0 (32 kHz stopped)
Middle-speed mode
(f(φ) = 1 MHz)
CM6
“0”
“1”
CM7 = 0 (8 MHz selected)
CM6 = 0 (High-speed)
CM5 = 0 (8 MHz oscillating)
CM4 = 0 (32 kHz stopped)
High-speed mode
(f(φ) = 4 MHz)
CM7 = 0 (8 MHz selected)
CM6 = 1 (Middle-speed)
CM5 = 0 (8 MHz oscillating)
CM4 = 1 (32 kHz oscillating)
Middle-speed mode
(f(φ) = 1 MHz)
CM7 = 0 (8 MHz selected)
CM6 = 0 (High-speed)
CM5 = 0 (8 MHz oscillating)
CM4 = 1 (32 kHz oscillating)
High-speed mode
(f(φ) = 4 MHz)
C
M
4
C
M
6
“0
”
“1
”
“0
”
“1
”
C
M
4
C
M
6
“1
”
“1
”
“0
”
“0
”
CM7 = 1 (32 kHz selected)
CM6 = 1 (Middle-speed)
CM5 = 0 (8 MHz oscillating)
CM4 = 1 (32 kHz oscillating)
Low-speed mode
(f(φ) = 16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 0 (High-speed)
CM5 = 0 (8 MHz oscillating)
CM4 = 1 (32 kHz oscillating)
Low-speed mode
(f(φ) = 16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 1 (Middle-speed)
CM5 = 1 (8 MHz stopped)
CM4 = 1 (32 kHz oscillating)
Low-speed mode
(f(φ) = 16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 0 (High-speed)
CM5 = 1 (8 MHz stopped)
CM4 = 1 (32 kHz oscillating)
Low-speed mode
(f(φ) = 16 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com