Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38263EDFS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M38263EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263EDFS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M38263EDFS Datasheet HTML 34Page - Renesas Technology Corp M38263EDFS Datasheet HTML 35Page - Renesas Technology Corp M38263EDFS Datasheet HTML 36Page - Renesas Technology Corp M38263EDFS Datasheet HTML 37Page - Renesas Technology Corp M38263EDFS Datasheet HTML 38Page - Renesas Technology Corp M38263EDFS Datasheet HTML 39Page - Renesas Technology Corp M38263EDFS Datasheet HTML 40Page - Renesas Technology Corp M38263EDFS Datasheet HTML 41Page - Renesas Technology Corp M38263EDFS Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 38 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
A/D CONVERTER
[AD Conversion Low-Order Register (ADL)]
001416
[AD Conversion High-Order Register (ADH)]
003516
The AD conversion registers are read-only registers that store the
result of an A/D conversion. When reading this register during an
A/D conversion, the previous conversion result is read.
The high-order 8 bits of a conversion result is stored in the AD
conversion high-order register (address 003516), and the low-or-
der 2 bits of the same result are stored in bit 7 and bit 6 of the AD
conversion low-order register (address 001416).
Bit 0 of the AD conversion low-order register is the conversion
mode selection bit. When this bit is set to “0”, that becomes the
10-bit A/D mode. When this bit is set to “1”, that becomes the 8-bit
A/D mode.
[AD Control Register (ADCON)] 003416
The AD control register controls the A/D conversion process. Bits
0 to 2 of this register select specific analog input pins. Bit 3 indi-
cates the completion of an A/D conversion. The value of this bit re-
mains at “0” during an A/D conversion, then it is set to “1” when
the A/D conversion is completed. Writing “0” to this bit starts the
A/D conversion.
Bit 4 is the VREF input switch bit which controls connection of the
resistor ladder and the reference voltage input pin (VREF). The
resistor ladder is always connected to VREF when bit 4 is set to
“1”. When bit 4 is set to “0”, the resistor ladder is cut off from VREF
except for A/D conversion performed. When bit 5, which is the AD
external trigger valid bit, is set to “1”, A/D conversion starts also by
a falling edge of an ADT input. When using an A/D external trigger,
set the P57/ADT pin to input mode (set “0” to bit 7 of port P5 direc-
tion register).
Comparison Voltage Generator
The comparison voltage generator divides the voltage between
AVSS and VREF by 256 (when 8-bit A/D mode) or 1024 (when 10-
bit A/D mode), and outputs the divided voltages.
Channel Selector
The channel selector selects one of the input ports P67/AN7–P60/AN0.
Comparator and Control Circuit
The comparator and control circuit compare an analog input volt-
age with the comparison voltage and store the result in the AD
conversion register. When an A/D conversion is completed, the
control circuit sets the AD conversion completion bit and the A/D
conversion interrupt request bit to “1”.
Note that because the comparator consists of a capacitor
coupling, set f(XIN) to 500 kHz or more during an A/D conversion.
Use the clock divided from the main clock f(XIN) as the system clock
φ.
Fig. 38 Structure of A/D converter-related registers
AD control register
(ADCON : address 003416)
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Analog input pin selection bits
b2b1b0
0 0 0 : P60/AN0
0 0 1 : P61/AN1
0 1 0 : P62/AN2
0 1 1 : P63/AN3
1 0 0 : P64/AN4
1 0 1 : P65/AN5
1 1 0 : P66/AN6
1 1 1 : P67/AN7
VREF input switch bit
0 : AUTO
1 : ON
AD external trigger valid bit
0 : A/D external trigger invalid
1 : A/D external trigger valid
b7
b0
Interrupt source selection bit
0 : Interrupt request at AD
conversion completed
1 : Interrupt request at ADT
input falling
Not used (“0” at reading)
AD conversion low-order register
(ADL : address 001416)
Conversion mode selection bit
0 : 10-bit A/D mode
1 : 8-bit A/D mode
Not used (“0” at reading)
•For 10-bit A/D mode
A/D conversion result
•For 8-bit A/D mode
Not used (undefined at reading)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com