Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38263EDFS Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M38263EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263EDFS Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M38263EDFS Datasheet HTML 58Page - Renesas Technology Corp M38263EDFS Datasheet HTML 59Page - Renesas Technology Corp M38263EDFS Datasheet HTML 60Page - Renesas Technology Corp M38263EDFS Datasheet HTML 61Page - Renesas Technology Corp M38263EDFS Datasheet HTML 62Page - Renesas Technology Corp M38263EDFS Datasheet HTML 63Page - Renesas Technology Corp M38263EDFS Datasheet HTML 64Page - Renesas Technology Corp M38263EDFS Datasheet HTML 65Page - Renesas Technology Corp M38263EDFS Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 62 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
P41–P47, P50–P57, P60–P67 (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
P41–P47, P50–P57, P60–P67 (Note 1)
P40, P71–P77 (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
P41–P47, P50–P57, P60–P67 (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
P41–P47, P50–P57, P60–P67 (Note 1)
P40, P71–P77 (Note 1)
P00–P07, P10–P15, P30–P37 (Note 2)
“H” peak output current
P16, P17, P20–P27, P41–P47, P50–P57, P60–P67
(Note 2)
P00–P07, P10–P15, P30–P37 (Note 2)
“L” peak output current
P16, P17, P20–P27, P41–P47, P50–P57, P60–P67
(Note 2)
P40, P71–P77 (Note 2)
P00–P07, P10–P15, P30–P37 (Note 3)
P16, P17, P20–P27, P41–P47, P50–P57, P60–P67
(Note 3)
P00–P07, P10–P15, P30–P37 (Note 3)
“L” average output current
P16, P17, P20–P27, P41–P47, P50–P57, P60–P67
(Note 3)
P40, P71–P77 (Note 3)
–20
–20
20
20
80
–10
–10
10
10
40
–1.0
Table 17 Recommended operating conditions (2)
(VCC = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Notes1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
“H” total peak output current
“H” total peak output current
“L” total peak output current
“L” total peak output current
“L” total peak output current
“H” total average output current
“H” total average output current
“L” total average output current
“L” total average output current
“L” total average output current
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Unit
Typ.
Max.
“H” peak output current
“L” peak output current
“L” peak output current
“H” average output current
“H” average output current
“L” average output current
“L” average output current
IOH(peak)
IOL(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
–5.0
5.0
10
20
–0.5
–2.5
2.5
5.0
mA
mA
mA
mA
mA
mA
mA
mA
Table 18 Recommended operating conditions (3)
(VCC = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Notes1: When the oscillation frequency has a duty cycle of 50%.
2: When using the microcomputer in low-speed mode, make sure that the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
Input frequency for timers X and Y
(duty cycle 50%)
f(CNTR0)
f(CNTR1)
Symbol
Parameter
Limits
Min.
MHz
Unit
Typ.
Max.
(4.0 V ≤ VCC ≤ 5.5 V)
32.768
4.0
Main clock input oscillation frequency
(Note 1)
Sub-clock input oscillation frequency (Notes 1, 2)
f(XIN)
f(XCIN)
(VCC ≤ 4.0 V)
High-speed mode
(4.0 V ≤ VCC ≤ 5.5 V)
High-speed mode
(2.5 V ≤ VCC ≤ 4.0 V)
Middle-speed mode
(2✕VCC)
–4
8.0
(4✕VCC)
–8
8.0
50
MHz
MHz
MHz
MHz
kHz
Test conditions
IOL(avg)
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com