Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38263EDFS Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # M38263EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263EDFS Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button M38263EDFS Datasheet HTML 83Page - Renesas Technology Corp M38263EDFS Datasheet HTML 84Page - Renesas Technology Corp M38263EDFS Datasheet HTML 85Page - Renesas Technology Corp M38263EDFS Datasheet HTML 86Page - Renesas Technology Corp M38263EDFS Datasheet HTML 87Page - Renesas Technology Corp M38263EDFS Datasheet HTML 88Page - Renesas Technology Corp M38263EDFS Datasheet HTML 89Page - Renesas Technology Corp M38263EDFS Datasheet HTML 90Page - Renesas Technology Corp M38263EDFS Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 88 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.15 Notes on standby function
(1) Once the STP instruction is disabled by the STP instruction disable bit (bit 6 of watchdog timer
control register (address 3716)), the microcomputer cannot be return to the STP instruction enable
state.
(2) When using the standby function, note the following.
The power dissipation may increase depending on functions and pin states.
Take the following countermeasures for reduce the power dissipation.
■Countermeasures for reduce power dissipation
•Input ports: Fix to “H” or “L” externally
•Output ports: Fix to level that avoid leak-current.
(Example: Fix the pin to “H“ when the circuit which current flows and LED turns on at “L”
output.)
•A/D input pins: Fix to “H” or “L” externally
•PWMi function enable bits (bits 1 and 2 of PWM control register (address 2B16)): “0”
•LCD enable bit: “0”
•Complete A/D conversion
(Confirm the AD conversion completion bit (bit 3 of AD control register (address 3416)) is “1”)
•VREF input switch bit (bit 4 of AD control register): “0”
•D/Ai conversion register (addresses 3216, 3316): “0016”
(3) When using stop mode
■Operation after restoration by occurrence of interrupt request
•All the timer 123 mode register bits are automatically set to “0” except for bit 4.
•When an interrupt request occurs in the stop mode, the stop mode is released and the clock
stopped by STP starts the oscillation. The oscillation stabilizing time of main clock is secured
to restoration from the stop mode when both the main and sub clocks are oscillating and the
main clock is set for the system clock when executing the STP instruction. Note that the
oscillation of sub clock may not be stable after main clock oscillation being stable.
■When LCD display
Execute the STP instruction after turning LCD to OFF by setting the LCD enable bit (bit 3 of
LCD mode register (address 3916)) to “0”. If the STP instruction is executed while the LCD is
ON, direct voltage will be applied to the LCD panel.
■Watchdog timer
The watchdog timer stops during the stop mode but operates during the oscillation stabilizing
time. Therefore, the watchdog timer control register must be written just before executing the
STP instruction to prevent its underflow.
(4) When using wait mode
■Restoration by reset input
When the sub clock is selected as the system clock and the main clock is stopped at the time
WIT instruction is executed, if the RESET pin input level is set to “L”, the sub clock oscillation
stops and the main clock oscillation starts. Oscillation is unstable at first and requires an
oscillation stabilizing time. Retain the RESET pin input level at “L” until the oscillation is stabilized.
After the oscillation has stabilized, retain the RESET pin at “L” for 2 µs or more in order to set
the internal reset state.
■Watchdog timer
The watchdog timer operates during the wait mode. The watchdog timer control register must
be written to prevent its underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com