Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38263EDFS Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M38263EDFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263EDFS Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M38263EDFS Datasheet HTML 20Page - Renesas Technology Corp M38263EDFS Datasheet HTML 21Page - Renesas Technology Corp M38263EDFS Datasheet HTML 22Page - Renesas Technology Corp M38263EDFS Datasheet HTML 23Page - Renesas Technology Corp M38263EDFS Datasheet HTML 24Page - Renesas Technology Corp M38263EDFS Datasheet HTML 25Page - Renesas Technology Corp M38263EDFS Datasheet HTML 26Page - Renesas Technology Corp M38263EDFS Datasheet HTML 27Page - Renesas Technology Corp M38263EDFS Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 24 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Key Input Interrupt (Key-on Wake Up)
The key input interrupt is enabled when any of port P2 is set to in-
put mode and the bit corresponding to key input control register is
set to “1”.
A Key input interrupt request is generated by applying “L” level
voltage to any pin of port P2 of which key input interrupt is en-
abled. In other words, it is generated when AND of input level
goes from “1” to “0”. A connection example of using a key input in-
terrupt is shown in Figure 20, where an interrupt request is gener-
ated by pressing one of the keys consisted as an active-low key
matrix which inputs to ports P20–P23.
Fig. 20 Connection example when using key input interrupt and port P2 block diagram
Port P20
latch
Port P20
direction register = “0”
Port P21
latch
Port P21
direction register = “0”
Port P22
latch
Port P22
direction register = “0”
Port P23
latch
Port P23
direction register = “0”
Port P24
latch
Port P24
direction register = “1”
Port P25
latch
Port P25
direction register = “1”
Port P26
latch
Port P26
direction register = “1”
Port P27
latch
Port P27
direction register = “1”
P20 input
P21 input
P22 input
P23 input
P24 output
P25 output
P26 output
P27 output
PULL register A
Bit 7
Port P2
Input reading circuit
Port PXx
“L” level output
✽
P-channel transistor for pull-up
✽ ✽ CMOS output buffer
Key input interrupt request
P27 key input control bit
P26 key input control bit
✽✽ ✽
✽✽ ✽
✽✽ ✽
✽✽ ✽
✽✽ ✽
✽✽ ✽
✽✽ ✽
✽✽ ✽
P25 key input control bit
P24 key input control bit
P23 key input control bit = “1”
PULL register A
Bit 6 = “1”
P22 key input control bit = “1”
P21 key input control bit = “1”
P20 key input control bit = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com