Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320GP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62320GP
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320GP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62320GP Datasheet HTML 2Page - Renesas Technology Corp M62320GP Datasheet HTML 3Page - Renesas Technology Corp M62320GP Datasheet HTML 4Page - Renesas Technology Corp M62320GP Datasheet HTML 5Page - Renesas Technology Corp M62320GP Datasheet HTML 6Page - Renesas Technology Corp M62320GP Datasheet HTML 7Page - Renesas Technology Corp M62320GP Datasheet HTML 8Page - Renesas Technology Corp M62320GP Datasheet HTML 9Page - Renesas Technology Corp M62320GP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M62320GP
REJ03D0909-0100 Rev.1.00 Mar 25, 2008
Page 6 of 10
Digital Data Format
1. Write mode: I
2C BUS data input to parallel data output
First
Last
S
Slave address
W
A
I/O setting
A
8-bit data
A
8-bit data
A
…..
AP
2. Read mode: Parallel data input to I
2C BUS data output
First
Last
S
Slave address
W
A
8-bit data
A
8-bit data
A
8-bit data
A
…..
8-bit data
A
P
Transmission from Master (MCU etc.) to Slave (M62320GP)
Transmission from Slave (M62320GP) to Master (MCU etc.)
• S: Start condition
While SCL level is high, SDA line level should be changed from high to low.
• Slave address
Chip select data
MSB
LSB
A2
A1
A0
CS2
CS1
CS0
0
1
1
1
A2
A1
A0
First
MSB
Last
LSB
0
0
0
L
L
L
0
0
1
L
L
H
0
1
0
L
H
L
:
:
:
:
:
:
1
1
1
H
H
H
Note:
Lower three bits (A0, A1, A2) are a programmable
address. This IC is accessed only when the lower 3
bits data of slave address coincide with the data of
CS0 to CS2. (refer to the right table)
Note: L = Low, H = High
• W: Write (SDA = Low), R: Read (SDA = High)
• A: Acknowledge bit
• I/O setting data (I/O setting of parallel data I/O terminals.)
P7
P1
P6
P5
P4
P3
P2
First
MSB
Last
LSB
P0
Note:
DATA INPUT from parallel data terminals = Low
DATA OUTPUT to parallel data terminals = High
Each bit data corresponds to the I/O state of the parallel data terminals.
• 8-bit data
D7
D1
D6
D5
D4
D3
D2
First
MSB
Last
LSB
D0
• P: Stop condition
While SCL level is high, SDA level should be changed from low to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com