Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320GP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62320GP
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320GP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62320GP Datasheet HTML 3Page - Renesas Technology Corp M62320GP Datasheet HTML 4Page - Renesas Technology Corp M62320GP Datasheet HTML 5Page - Renesas Technology Corp M62320GP Datasheet HTML 6Page - Renesas Technology Corp M62320GP Datasheet HTML 7Page - Renesas Technology Corp M62320GP Datasheet HTML 8Page - Renesas Technology Corp M62320GP Datasheet HTML 9Page - Renesas Technology Corp M62320GP Datasheet HTML 10Page - Renesas Technology Corp M62320GP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M62320GP
REJ03D0909-0100 Rev.1.00 Mar 25, 2008
Page 8 of 10
• In case the I/O setting is different between each terminals.
An example: the parallel port terminals of D0 to D3 and D4 to D7 are assigned as output and input terminals,
respectively.
SDA
SCL
A1 A0
A2
1
11
00
A
P2 P1
P3
P5 P4
P6
P7
P0
A D17 D16 D15 D14 D13 D12 D11 D10
D27 D26 D25 D24 D23 D22 D21 D20
A
A
D2X
D1X
Hi-Z
D0
to
D3
DATA
DATA
Hi-Z
D4
to
D7
SDA
SCL
1234567
8
8
1234567
12345678
12345678
A1 A0
A2
1
11
1
0A
A
A
A
Hi-Z
D4 to D7
output
DATA
DATA
DATA
D1X
D2X
D3X
D4X
D4 to D7
(instance)
D0 to D3
Start
condition
Start
condition
Slave address
Slave address
I/O setting
Data output
Data output
Stop
condition
Stop
condition
Data latch
Data latch
Data latch
D17 D16 D15 D14 D13 D12 D11 D10
D37 D36 D35 D34 D33 D32 D31 D30
D47 D46 D45 D44 D43 D42 D41 D40
• Write mode
The terminal assigned as an output provides the data written in the output data latch.
After power-on, all terminals are reset to the input-state. Then an initial data low of the output latch are output after
the I/O setting has been done. Finally the assigned output are provided after the 8-bit data transmission.
The terminal assigned as an input keeps the input condition (high-impedance) regardless of 8-bit data setting.
• Read mode
The input data is taken into the input latch on every 8th negative-going edge of the SCL clock through the terminal
assigned as an input, and then the latched data is output via the SDA line.
The data of the output assigned terminal is also handled in the same procedures as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com